PART |
Description |
Maker |
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS25C32A-3PLA1 IS25C32A-2PLI IS25C32A-2PI IS25C32A |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 4K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 http:// INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
X25170 X25170AE X25170AF X25170G X25170I X25170PTG |
SPI Serial E 2 PROM with Block Lock ?Protection SPI Serial E 2 PROM with Block Lock ⑩ Protection
|
IC MICROSYSTEMS ETC
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
25AA080 25C080 25LC080 |
The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
X25128 X25128P X25128P-2.7 X25128PI X25128PI-2.7 X |
SPI Serial E 2 PROM with Block Lock TM Protection SPI串行e2座门锁TM保护胎膜早破 IND 10UH 20%.3.3A 0.0267 OHMS
|
Intersil, Corp. IC MICROSYSTEMS Sdn. Bhd. XICOR[Xicor Inc.]
|
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
NM25C640 NM25C640LEN NM25C640LVM8 NM25C640LVN NM25 |
SPI Serial EEPROM 64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) [Advanced]
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SST25VF080B-50-4C-PAE SST25VF080B-50-4C-PAF SST25V |
8 Mbit SPI Serial Flash 4 Mbit Uniform Sector, Serial Flash Memory 8M X 1 FLASH 2.7V PROM, PDSO8
|
Microchip Technology Inc. Silicon Storage Technology, Inc. Silicon Storage Technol...
|
IS25C02 IS25C04 |
(IS25C02 / IS25C04) 2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C16 IS25C16-2CLI IS25C16-2GI IS25C16-2GLI IS25 |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc]
|